PART |
Description |
Maker |
NCV4275 |
5.0V, 450mA Low Drop Voltage Regulator(5.0V, 450mA低压差稳压器) 5.0V,四百五十○毫安低压差稳压器.0V,四百五十○毫安低压差稳压器
|
ON Semiconductor
|
SD275SE30A SD275SE30B SD275SE30C |
SILICON SCHOTTKY RECTIFIER DIE Ultra Low Forward Voltage Drop Typical Voltage Drop 0.30V
|
Sensitron
|
RE024 |
RE024 [Updated 2/03. 11 Pages] A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage. rated for loads of up A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage, rated for loads of up to 160 mA and as low as 5 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
RE028 |
RE028 [Updated 3/03. 9 Pages] The RE028 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 4.5V output voltage. rated for loads up The RE028 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 4.5V output voltage, rated for loads up to 300 mA. It is designed to supply radio frequency synthesizers and used as a controller for the antenna switch.
|
Atmel
|
BYV29-500 BYV29 BYV29-300 BYV29-400 BYV29-500/B BY |
3 A low drop positive voltage regulator adjustable and fixed 1.5 A low drop positive voltage regulator adjustable and fixed 整流二极管超 Rectifier diodes ultrafast(超快速整流二极管) 9 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC
|
PHILIPS[Philips Semiconductors] International Rectifier, Corp. NXP Semiconductors N.V.
|
KIA278R05PI KIA278R06PI KIA278R08PI KIA278R09PI KI |
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR) 双极线性集成电路(4码头A输出低压差稳压器 BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR) 双极线性集成电路(4码头2A输出低压差稳压器 2A 4-Terminal Low Drop(ON/OFF Controllable)
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
TS29150 TS29150CM TS29150CZ TS29150CZ-50 TS29150CZ |
Analog IC: Low Drop Out Voltage Regulators 1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
|
Taiwan Semiconductor Company, Ltd
|
SP4060-08ATG SP3050-04HTG |
LVDS is a low noise, low-voltage signal scheme that uses a small current (typically 3.5mA) to generate a voltage drop across a 100Ω resistor to convey information or data
|
Littelfuse
|
LDR2533 LDR2533K7-R LDR2533PT-R LDR2518K7-R LDR332 |
VERY LOW DROP DUAL VOLTAGE REGULATOR VERY LOW DROP DUAL VOLTAGE REGULATOR 极低降双电压调节 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PS PPAK-5
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HV500F12 |
12kV 450mA HIGH VOLTAGE DIODE
|
getedz electronics
|
LD2985 |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
|
UTC[Unisonic Technologies]
|
LD2982AM27R LD2982AM18R LD2982AXX LD2982AXX18 LD29 |
Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
|
STMicroelectronics
|